Part Number Hot Search : 
LC86323 LTC3851 NGAANUA A3515 BL8023 BAT54A HPL1005 ES51978Q
Product Description
Full Text Search
 

To Download TMR0523 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 dc/dc converters tmr 2 series, 2 watt features wide 2:1 input voltage range compact sip-8 package small footprint full smd design temperature range C40 to +85c high effciency excellent load and line regulation indefnite short-circuit protection i/o isolation 1500vdc remote on/off control fully rohs compliant 3-year product warranty ordercode input voltage range output voltage output current max. effciency typ. tmr 0510 3.3 vdc 500 ma 76 % tmr 0511 5 vdc 400 ma 80 % tmr 0512 4.5 C 9.0 vdc 12 vdc 165 ma 81 % tmr 0521 (5 vdc nominal) 5 vdc 200 ma 79 % tmr 0522 12 vdc 85 ma 82 % tmr 0523 15 vdc 65 ma 81 % tmr 1210 3.3 vdc 500 ma 77 % tmr 1211 5 vdc 400 ma 81 % tmr 1212 9 C 18 vdc 12 vdc 165 ma 83 % tmr 1221 (12 vdc nominal) 5 vdc 200 ma 81 % tmr 1222 12 vdc 85 ma 83 % tmr 1223 15 vdc 65 ma 84 % tmr 2410 3.3 vdc 500 ma 78 % tmr 2411 5 vdc 400 ma 81 % tmr 2412 18 C 36 vdc 12 vdc 165 ma 83 % tmr 2421 (24 vdc nominal) 5 vdc 200 ma 80 % tmr 2422 12 vdc 85 ma 83 % tmr 2423 15 vdc 65 ma 82 % tmr 4810 3.3 vdc 500 ma 76 % tmr 4811 5 vdc 400 ma 78 % tmr 4812 36 C 75 vdc 12 vdc 165 ma 83 % tmr 4821 (48 vdc nominal) 5 vdc 200 ma 80 % tmr 4822 12 vdc 85 ma 81 % tmr 4823 15 vdc 65 ma 81 % models the tmr-2 series is a family of isolated 2w dc-dc converter modules with regulated output, featuring wide 2:1 input voltage ranges. the product comes in a compact sip-8 plastic package with small footprint occupying only 2.0 cm2 (0.3 square in.) of board space. an excellent effciency allows C40 to +85c operation temperatures. further fea - tures include remote on/off control and continuous short circuit protection. the ultra-compact dimensions of these converters make them an ideal solution for many space critical applications in communication equipment, instrumentation and indus - trial electronics. u l 60950 -1 http://www.tracopower.com
page 2 of 3 dc/dc converters tmr 2 series 2 watt input specifications input current at full load (nominal input) 5 vin models: 645 ma max. 12 vin models: 242 ma max. 24 vin models: 117 ma max. 48 vin models: 62 ma max. surge voltage (100 msec. max.) 5 vin models: 15 v max. 12 vin models: 36 v max. 24 vin models: 50 v max. 48 vin models: 100 v max. input voltage variation ( dv/dt ) 5 v/ms, max. (complies to ets 300 132 part. 4.4) input filter capacitor type start up time 5 ms typ. (at nominal input and resistive load) esd (electrostatic discharge) en 61000-4-2, air 8 kv, contact 6 kv, perf. criteria a radiated immunity en 61000-4-3, 10 v/m, perf. criteria a fast transient / surge (with external input capacitor) en 61000-4-4, 2 kv, perf. criteria a en 61000-4-5, 1 kv perf. criteria a C external input capacitor nippon chemi-con ky 220 f, 100 v, esr 48 mohm conducted immunity en 61000-4-6, 10 vrms, perf. criteria a rf magnetic field en 61000-4-8, 100 a/m, perf. criteria a output specifications voltage set accuracy 1 % regulation C input variation vin min. to vin max. 0.2 % max. C no load to full load single output models: 1.0 % max. dual output models: 1.0 % max. C load variation 10 C 90 % single output models: 0.5 % max. dual output models: 0.8 % max. dual output models asymetric load: 5.0 % max. (25% / 100%) minimum load 0 % ripple and noise (20 mhz bandwidth) 50 mvp-p typ. temperature coefficient 0.02 %/c transient response (25% load step change) 500 s typ. short circuit protection continuous, automatic recovery capacitive load 3.3 vdc / 5 vdc output models: 2200 f max. / 1000 f max. 12 vdc / 5 vdc output models: 170 f max. / 470 f max. 12 vdc / 15 vdc output models: 100 f max. / 47 f max. general specifications temperature ranges C operating C40c to +85c (without derating) C storage C55c to +125c humidity (non condensing) 5 C 95 % rel. h max. reliability, calculated mtbf ( mil-hdbk-217f, at +25c, ground benign) 4.9 mio. h isolation voltage (60 sec.) C input/output 16 0 0 v d c isolation capacitance C input/output 200 pf max. isolation resistance C input/output (500 vdc) >1000 mohm switching frequency 100 to 650 khz (pfm) http://www.tracopower.com all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated.
page 3 of 3 dc/dc converters tmr 2 series 2 watt outline dimensions mm (inches) bottom view 3.2 (0.13) 0.5 (0.02) 0.25 (0.01) 2.54 2.0  0.5 2.54 21.8 5.08 2.54 0.5 (0.02) 11.1 (0.44) (0.1) (0.1) (0.1) (0.08  0.025 ) (0.2) 4.0 2.54 (0.1) 2.54 (0.1) (0.86) (0.16) 9.2 (0.36) 12 35 67 8 pin single dual 1 Cvin (gnd) Cvin (gnd) 2 +vin (vcc) +vin (vcc) 3 remote on/off remote on/off 5 no function no function 6 +vout +vout 7 Cvout common 8 no function Cvout pin-out rev. september, 28. 2016 dimensions in [mm], () = inch pin pitch tolerances: 0.25 (0.01) tolerances: 0.5 (0.02) general specifications remote on/off C on: open or high impedance C off: 2 - 4 ma current applied via 1kohm resistor C off stand by input current max. 2.5 ma safety standards ul/cul 60950-1, iec/en 60950-1 safety approvals C ul/cul www.ul.com -> certifications -> file e188913 thermal shock, mechanical shock & vibration mil-std-810f C test conditions www.tracopower.com/products/mil810.pdf environmental compliance C reach www.tracopower.com/overview/tmr2 C rohs rohs directive 2011/65/eu altitude C operation < 40000ft (12000m) C non operation < 50000ft (15000m) C test report www.tracopower.com/products/tmr-altitude.pdf physical specifications casing material non-conductive plastic potting material silicone (ul 94v-0-rated) weight 4.8 g ( 0.17o z ) application note: www.tracopower.com/products/tmr2- applicatio n.pdf sp ec i?cati ons can be changed wi thout noti ce! make sure you are using the latest documentation, downloadable at www.tracopower. com www .tracopower. com


▲Up To Search▲   

 
Price & Availability of TMR0523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X